Part Number Hot Search : 
EL2075 1N3036 6VAQ8F CDRH3D28 HD7420P SLCB43A 1N3050C SKL32ASG
Product Description
Full Text Search
 

To Download NS1820R00FE70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rs, ns vishay dale www.vishay.com 124 document number 30204 revision 22-mar-06 for technical questions, contact ww2bresistors@vishay .com features ? high temperature coating (> 350 c) ? complete welded construction ? meets applicable requirements of mil-prf-26 ? available in non-inductive styles (type ns) with aryton-perry winding for lowest reactive components ? excellent stability in operation (typical resistance shift < 0.5 %) ? lead (pb)-free version is rohs compliant wirewound resistors, military, mil-prf-26 qualified, type rw, precision power, silicone coated ** available tolerance for these mil parts is 5 % for 1 ? and above, 10 % below 1 ? . *** available tolerance for these mil parts is 0.5 % & 1 % for resistance values 0.1 ? and above, 0.1 % for resistance values 0.499 ? and above. ****vishay dale rs models have two power ratings depending on operation temperature and stability requirements. note: shaded area indicates most popular models. standard electrical specifications resistance range mil. range shown in bold face ? ? ? ? ? uv 0.05 % 3 % thru 3 %, 5 %, type thru 5 % 10 % 0.05 % 0.1 % 0.25 % 0.5 % & 1 % 10 % g rs1/8 rs-18 ? 0.125 ? ? ? ? 0.1 - 950 0.1 - 950 0.15 rs1/4 rs-1/4 ? 0.4 ? 1 - 1 k 0.499 - 1k 0.499 - 3.4 k 0.1 - 3.4 k 0.1 - 3.4 k 0.21 rs1/2 rs-1/2 ? 0.75 ? 1 - 1.3 k 0.499 - 1.3k 0.499 - 4.9 k 0.1 - 4.9 k 0.1 - 4.9 k 0.23 rs01a rs-1a ? 1.0 ? 1 - 2.74 k 0.499 - 2.74 k 0.499 - 10.4 k 0.1 - 10.4 k 0.1 - 10.4 k 0.34 rs01a...300 rs-1a-300 rw70*** 1.0 ? ? 0.499 - 2.74 k 0.499 - 10.4 k 0.1 - 10.4 k 0.1 - 10.4 k 0.34 1.0 ? 0.1 - 2.74 k rs01m rs-1m ? 1.0 ? 1 - 1.32 k 0.499 - 1.67 k 0.499 - 6.85 k 0.1 - 6.85 k 0.1 - 6.85 k 0.30 rs002 rs-2 ? 4.0 5.5 0.499 - 12.7 k 0.499 - 12.7 k 0.1 - 47.1 k 0.1 - 47.1 k 0.1 - 47.1 k 2.10 rs02m rs-2m ? 3.0 ? 0.499 - 4.49 k 0.499 - 4.49 k 0.1 - 18.74 k 0.1 - 18.74 k 0.1 - 18.74 k 0.65 rs02b rs-2b ? 3.0 3.75 0.499 - 6.5 k 0.499 - 6.5 k 0.1 - 24.5 k 0.1 - 24.5 k 0.1 - 24.5 k 0.70 rs02b...300 rs-2b-300 rw79*** 3.0 ? ? _ 0.499 - 6.5 k 0.1 - 24.5 k 0.1 - 24.5 k 0.1 - 24.5 k 0.70 3.0 ?? 0.1 - 6.49 k rs02c rs-2c ? 2.5 3.25 0.499 - 8.6 k 0.499 - 8.6 k 0.1 - 32.3 k 0.1 - 32.3 k 0.1 - 32.3 k 1.6 rs02c...17 rs-2c-17 ? 2.5 3.25 0.499 - 6.8 k 0.499 - 8.6 k 0.1 - 32.3 k 0.1 - 32.3 k 0.1 - 32.3 k 1.6 rs02c...23 rs-2c-23 rw69** ? 3.25 ??? ? 0.1 - 32.3 k 16 3.0 0.1 - 2.0 k rs005 rs-5 ? 5.0 6.5 0.499 - 25.7 k 0.499 - 25.7 k 0.1 - 95.2 k 0.1 - 95.2 k 0.1 - 95.2 k 4.2 rs005...69 rs-5-69 rw74*** 5.0 ? ? 0.499 - 25.7 k 0.1 - 95.2 k 0.1 - 95.2 k 0.1 - 95.2 k 4.2 5.0 ? 0.1 - 24.3 k rs005...70 rs-5-70 rw67** ? 6.5 ??? ? 0.1 - 95.2 k 4.2 ? 6.5 0.1 - 8.2 k rs007 rs-7 ? 7.0 9.0 0.499 - 41.4 k 0.499 - 41.4 k 0.1 - 154 k 0.1 - 154 k 0.1 - 154 k 4.7 rs010 rs-10 ? 10.0 13.0 0.499 - 73.4 k 0.499 - 73.4 k 0.1 - 273 k 0.1 - 273 k 0.1 - 273 k 9.0 rs010...38 rs-10-38 rw78*** 10.0 ? ? 0.499 - 73.4 k 0.1 - 273 k 0.1 - 273 k 0.1 - 273 k 9.0 10.0 ? 0.1 - 71.5 k rs010...39 rs-10-39 rw68** ? 13.0 ??? ? 0.1 - 273 k 9.0 ? 11.0 0.1 - 20 k power rating**** p 25 c w weight (typical) mil-prf-26 historical model global model available pb-free rohs* compliant e3 * pb containing terminations are not rohs compliant, exemptions may apply global model resistance tolerance code packaging special value (see standard electrical specifications global model column for options) r = decimal a = 0.05 % b = 0.1 % e70 = lead (pb)-free, tape/reel (smaller than rs005) (dash number) k = thousand c = 0.25 % d = 0.5 % e73 = lead (pb)-free, tape/reel (rs005 & larger) (up to 3 digits) 15r00 = 15 ? f = 1.0 % j = 5.0 % e12 = lead (pb)-free, bulk from 1-999 10k00 = 10 k ? k = 10.0 % lead (pb)-free is not available on rw military type as applicable s70 = tin/lead, tape/reel (smaller than rs005) s73 = tin/lead, tape/reel (rs005 & larger) b12 = tin/lead, bulk global part number information new global part numbering: rs02c10k00fs7017 (preferred part numbering format) rs0 2c10k0 0fs7017 historical part number example: rs-2c-17 10 k ? 1 % s70 (will continue to be accepted) historical model resistance value tolerance code packaging rs-2c-17 10 k ? 1 % s70
www.vishay.com 125 rs, ns vishay dale document number 30204 revision 22-mar-06 for technical questions, contact ww2bresistors@vishay .com dimensions wirewound resistors, military, mil-prf-26 qualified, type rw, precision power, silicone coated global dimensions in inches [millimeters] model material specifications element: copper-nickel alloy or nickel-chrome alloy, depending on resistance value core: ceramic, steatite or alumina, depending on physical size coating: special high temperature silicone standard terminals: 100 % sn, or 60/40 sn/pb coated copperweld ? . note: military "rw" parts are only available with 60/40 sn/pb finish. end caps: stainless steel deviations for rs-1/8: thermoset silicone molded construction, endcaps will be nickel-silver alloy and terminals will be tinned copper part marking: dale, model, wattage*, value, tolerance, date code c d a 1.50 [38.10]* min. b ab c d (max.)** rs1/8 0.155 0.015 ? 0.065 0.015 0.020 0.002 [3.94 0.381] [1.65 0.381] [0.508 0.051] rs1/4 0.250 0.031 0.281 0.085 0.020 0.020 0.002 [6.35 0.787] [7.14] [2.16 0.508] [0.508 0.051] rs1/2 0.312 0.016 0.328 0.078 + 0.016 - 0.031 0.020 0.002 [7.92 0.406] [8.33] [1.98 + 0.406 - 0.787] [0.508 0.051] rs01a 0.406 0.031 0.437 0.094 0.031 0.020 0.002 rs01a...300 [10.31 0.787] [11.10] [2.39 0.787] [0.508 0.051] rs01m 0.285 0.025 0.311 0.110 0.015 0.020 0.002 [7.24 0.635] [7.90] [2.79 0.381] [0.508 0.051] rs002 0.625 0.062 0.765 0.250 0.031 0.040 0.002 [15.88 1.57] [19.43] [6.35 0.787] [1.02 0.051] rs02m 0.500 0.062 0.562 0.185 0.015 0.032 0.002 [12.70 1.57] [14.27] [4.70 0.381] [0.813 0.051] rs02b 0.560 0.062 0.622 0.187 0.031 0.032 0.002 rs02b...300 [14.22 1.57] [15.80] [4.75 0.787] [0.813 0.051] rs02c 0.500 0.062 0.593 0.218 0.031 0.040 0.002 [12.70 1.57] [15.06] [5.54 0.787] [1.02 0.051] rs02c...17 0.500 0.062 0.593 0.218 0.031 0.032 0.002 rs02c...23 [12.70 1.57] [15.06] [5.54 0.787] [0.813 0.051] 0.875 0.062 1.0 0.312 0.031 0.040 0.002 [22.23 1.57] [25.4] [7.92 0.787] [1.02 0.051] rs007 1.22 0.062 1.28 0.312 0.031 0.040 0.002 [30.99 1.57] [32.51] [7.92 7.87] [1.02 0.051] rs010 1.78 0.062 1.87 0.375 0.031 0.040 0.002 rs010...39 [45.21 1.57] [47.50] [9.53 0.787] [1.02 0.051] rs010...38 1.78 0.062 1.84 0.375 0.031 0.040 0.002 [45.21 1.57] [46.74] [9.53 0.787] [1.02 0.051] *on some standard reel pack methods, the leads may be trimmed to a shorter length than shown. note: rs-1/8 terminal length will be 1.0" [25.4 mm] minimum. **b (max.) dimension is clean lead to clean lead. ns non-inductive models of equivalent physical and electrical specifications are available with non-inductive (aryton-perry) winding. they are identified by substituting the letter n for r in the model number (ns-5, for example). *wattage marked on part will be "u" characteristic -65 -50 0 50 150 250 350 ambient temperature in c derating 120 100 80 60 40 20 0 rated power in % char. v char. u 25 rs005 rs005...69 rs005...70 *all ? r figures shown are maximum, based upon testing requirements per mil-prf-26. performance* test conditions of test test limits characteristic u characteristic v thermal shock rated power applied until thermally stable, then a min. of 15 minutes at - 55 c (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r short time overload 5 x rated power (3.75 watt and smaller), 10 x rated power (4 watt and larger) for 5 seconds (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r dielectric withstanding voltage 500 minimum for rs-1/8 thru rs-1a, 1000 for all others, duration of 1 minute (0.1 % + 0.05 ? ) ? r (0.1 % + 0.05 ? ) ? r low temperature storage - 65 c for 24 hours (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r high temperature exposure 250 hours at: u = + 250 c, v = + 350 c (0.5 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r moisture resistance mil-std-202 method 106, 7b not applicable (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r shock, specified pulse mil-std-202 method 213, 100 g's for 6 milliseconds, 10 shocks (0.1 % + 0.05 ? ) ? r (0.2 % + 0.05 ? ) ? r vibration, high frequency frequency varied 10 to 2000 hz, 20 g peak, 2 directions 6 hours each (0.1 % + 0.05 ? ) ? r (0.2 % + 0.05 ? ) ? r load life 2000 hours at rated power, + 25 c, 1.5 hours ?on?, 0.5 hours ?off? (0.5 % + 0.05 ? ) ? r (3.0 % + 0.05 ? ) ? r 5 to 10 sec., 5 or 10 lb pull test (depending on size), torsion test - 3 alternating directions, 360 each terminal strength (0.1 % + 0.05 ? ) ? r (1.0 % + 0.05 ? ) ? r parameter unit rs resistor characteristics temperature coefficient ppm/ c 90 for below 1 ? , 50 for 1 ? to 9.9 ? , 20 for 10 ? and above dielectric withstanding voltage v ac 500 minimum for rs-1/8 thru rs-1a, 1000 minimum for all others maximum working voltage v (p x r) 1/2 insulation resistance ? 1000 megohm minimum dry, 100 megohm minimum after moisture test terminal strength lb 5 minimum for rs-1/8 thru rs-1a, 10 minimum for all others solderability ? mil-prf-26 type - meets requirements of ansi j-std-002 operating temperature range c characterisitic u = - 65/+ 250, characteristic v = - 65/+ 350 technical specifications two conditions apply: 1. for ns models, divide maximum resistance values by two 2. body o.d. on ns-2c may exceed that of the rs-2c by 010"
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of NS1820R00FE70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X